Part Number Hot Search : 
74HC03N H11C3300 4000T 50N10 4000T LM64P70 4000T LT1078C
Product Description
Full Text Search
 

To Download KBPC3504W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k b p c 3 5 w s e r i e s sin gl e-p ha se s ili co n br idg e sin gl e-p ha se s ili co n br idg e m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g s a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . r e s i s t i v e o r i n d u c t i v e l o a d , 6 0 h z . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . features ul recognized file #e149311 surge overload rating-400 amperese peak low forward voltage drop solderable cooper leads .040" diameter mounting position:any electrically isolated base-1800volts materials used carries u/l recognized c h e n g - y i c h e n g - y i el ec t r o n ic volt age range 50 to 1000 vol ts prv current 35 amperes kbpc 35005w kbpc 3501w kbpc 3502w kbpc 3504w kbpc 3506w kbpc 3508w kbpc 3510w maximum average forward 0 t output current @ =55 c c maximum recurrent peak reverse voltage v rrm v rms v dc v (av) i fsm v f t j t stg i r maximum rms bridge input voltage maximum dc blocking voltage operating temperature range storage temperature range peak forward surge current 8.3 ms single half sine-wavesuperimposed on rated load(jedec mehtod) maximum dc forward voltage drop per bridge element at 17.5a dc u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v v v a a 2 a s 0 c 0 c / w 0 c a a v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 5 0 1 0 0 2 0 0 4 0 0 1 0 1 - 5 5 t o + 1 2 5 - 5 5 t o + 1 5 0 3 5 4 0 0 1 . 2 6 0 0 8 0 0 1 0 0 0 2 i t rating for fusing (t<8.3ms) typical thermal resistance(note.1) 2 it rj c 664 2.5 maximum dc reverse current at rated dc blocking voltageper bridge element 0 t @ =100 c a 0 t @ =25 c a free datasheet http:///
rating and characteristics curves kbpc35w series sin gl e-p ha se s ili co n br idg e sin gl e-p ha se s ili co n br idg e c h e n g - y i c h e n g - y i el ec t r o n ic 0 t =1 25c j fig.1 - paek forward surge current p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 10 1 100 number of cycles at 60 hz 60 100 200 400 150 300 8.3ms single half sine wave fig.3 - typical forward characteristics instant aneous forward volt age, volts i n s t a n t a n e o u s f o r w a r d c u r r e n t . a m p e r e s .6 .8 .4 1.0 1.2 1.4 1.6 .01 0.1 1.0 10 100 0 t =2 5 c j fig.4 - typical reverse characteristics i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s percent of rated peak reverse vol tage .01 0.1 1.0 10 0 20 100 60 140 40 120 80 a v e r a g e f o r w a r d c u r r e n t a m p e r e s 0 temperature, c fig.2 - derating curve for output rectified current 0 1 0 2 0 3 0 4 0 1 0 0 5 0 1 5 0 k b p c 3 5 w s e r i e s free datasheet http:///


▲Up To Search▲   

 
Price & Availability of KBPC3504W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X